|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SX15U 15 W att ,120 VAC Input Fully Enclosed Switching Power Supply ELECTRICAL SPECIFICATIONS All specifications are typical at nominal input, full load INPUT SPECIFICATIONS Input Voltage.................................................. 85-132 VAC Input Frequency............................................. 50/60 Hz (47-63 Hz) Input Current.................................................. 0.3A (typ) Inrush Current............................................... 10A (typ) OUTPUT SPECIFICATIONS Output Voltage............................................... See chart Output Adjustment......................................... 10% Efficiency........................................................ 73-78% Over-Voltage Protection................................. Zener limiter Over-Current Protection................................ Over 105% (Automatic Recovery) Ripple and Noise........................................... 100-200 mVp-p Hold-Up Time................................................. 20 ms Line/Load Regulation..................................... See Chart Rise Time....................................................... 100 ms max. (at 25C nominal output/input) FEATURES OVERVOLTAGE PROTECTION OVERCURRENT PROTECTION HIGHLY RELIABLE CONVECTION COOLED ON/OFF LED LIGHT ADJUSTABLE OUTPUTS 3 YEAR CONTINUOUS USE WARRANTY Leakage Current............................................ 0.5 mA max. GENERAL SPECIFICATIONS MTBF............................................................. > 360,000 Hours Isolation Voltage Primary to Secondary.....................AC 2000V Primary to Case..............................AC 2000V Secondary to Case.........................AC 500V Isolation Resistance...................................... Input-Outputcase 100 M-Ohms min. ENVIRONMENTAL SPECIFICATIONS Operating Temperature .............................. 0C ~ +60C Derates linearly 2.5%/C after 50C Cooling............................................ Convection Temperature Coefficient.................. 0.02%/C Humidity.......................................... 20-85% RH (non-condensing) Storage Temperature...................... -20C ~ +85C Shock/Vibration............................... 20G (3 Directions) SAFETIES / EMI FCC-B CISPR-B VCCI-2 PHYSICAL SPECIFICATIONS Metal Enclosed - Terminal Block 44 Series MODEL SX15U-05S SX15U-12S SX15U-15S SX15U-24S OUTPUT VOLTAGE OUTPUT CURRENT EFFICIENCY (TYP) LINE REGULATION LOAD REGULATION 5 VDC 12 VDC 15 VDC 24 VDC 3.0 A 1.3 A 1.0 A 0.7 A 73% 76% 76% 78% 20 mV 40 mV 40 mV 60 mV 40 mV 60 mV 80 mV 150 mV RIPPLE NOISE 100 mVp-p 150 mVp-p 150 mVp-p 200 mVp-p SX15U NOTE: All specifications typical and nominal / full load and 25C unless otherwise noted. Mounting screw lenght should not exceed 0.24 inches or 6 mm. Avoid sustained operation in overload or dead short conditions. Specifications subject to changes without notice. * No. 6-32 mounting holes standard * Dimensions in mm * Terminal block or "pin" type connector available 45 |
Price & Availability of SX15U-24S |